PART |
Description |
Maker |
PG1337 PG1336 PG1335 |
Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: SO; No of Pins: 8; Temperature Range: -40 Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: SO; No of Pins: 8; Temperature Range: 0° Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: MSOP; No of Pins: 8; Temperature Range Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 晶体管|晶体管|叩| 100V的五(巴西)总裁| 10A条一c)|10AC
|
Linear Technology, Corp.
|
LT1815CS5 LT1815CS6 LT1815CS8 |
Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
|
Linear Technology
|
ADN2850 ADN2850ACP25-RL7 |
Nonvolatile Memory, Dual 1024 Position Programmable Resistors Dual 10-Bit Programmable Non-Volatile Resistor
|
http:// Analog Devices
|
MAX5069DAUE |
10.8 V, high-frequency, current-mode PWM controller with accurate programmable oscillator and dual FET driver
|
MAXIM - Dallas Semiconductor
|
MAX1558H MAX1558 MAX1558-MAX1558H |
Dual, 3mm x 3mm, 1.2A/Programmable-Current USB Switches with Autoreset From old datasheet system
|
Maxim
|
MP5092GD-P |
Dual 5.5V, 7.5A Programmable Current Low RDSON Load Switch with Output Discharge Function
|
MPS Industries, Inc.
|
PIIPM50P12B004 PIIPM50P12B004X |
Programmable isolated intelligent power module, a 50A, 1200V, three-phase inverter for 15kW industrial and servo motors with on-board programmable DSP, current sensing, isolation, gate drivers and power stage.
|
International Rectifier
|
MAX261BCNG MAX260ACNG MAX260AMRG |
Full-Duplex M-LVDS Transceiver 14-SOIC -40 to 85 Microprocessor Programmable Universal Active Filters DUAL SWITCHED CAPACITOR FILTER, DIGITALLY PROGRAMMABLE, UNIVERSAL, CDIP24
|
Maxim Integrated Products, Inc. 模拟滤波
|
CMPSH-3SE CMPSH-3AE CMPSH-3CE CMPSH-3E |
SMD Schottky Diode Dual: High Current: Common Cathode SMD Schottky Diode Dual: High Current: In Series SMD Schottky Diode Single: High Current SMD Schottky Diode Dual: High Current: Common Anode ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
MC35080 MC35080AU MC35080U MC35081AU MC35085 MC340 |
HIGH SLEW RATE, WIDE BANDWIDTH, JEFT INPUT OPERATIONAL AMPLIFIERS (MC35080 - MC35085) High Performance JFET Input Operational Amplifiers Low Quiescent Current, Programmable-Delay Supervisory Circuit 6-SOT-23 -40 to 125 Low Quiescent Current, Programmable-Delay Supervisory Circuit 6-SON -40 to 125
|
MOTOROLA[Motorola, Inc] Motorola, Inc.
|